Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CDBL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
11
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
Block Diagram
Pin Configuration
Description
Pericom Semiconductor's PI6CDBL402B is a PCIe 3.0 compliant
high-speed, low-noise differential clock buffer designed to be
companion to PCIe 3.0 clock generator. It is backward compat-
ible with PCIe 1.0 and 2.0 specification.
The device distributes the differential SRC clock from PCIe 3.0
clock generator to four differential pairs of clock outputs either
with or without PLL. The clock outputs are controlled by input
selection of PWRDWN# and SMBus, SCLK and SDA.
Features
Î
Î
Phase jitter filter for PCIe 3.0/ 2.0/ 1.0 application
Î
Î
Low power consumption with independent output power
supply 1.8V~3.3V
Î
Î
Low skew < 60ps
Î
Î
Low cycle-to-cycle jitter - 45ps (typ.) @100MHz
Î
Î
< 1 ps additive RMS phase jitter
Î
Î
Output Enable for all outputs
Î
Î
Programmable PLL Bandwidth
Î
Î
100 MHz PLL Mode operation
Î
Î
1 - 400 MHz Bypass Mode operation
Î
Î
3.3V Operation
Î
Î
Packaging (Pb-free and Green):
-28-Pin TSSOP (L28)
4 -Output Low Power PCIE GEN 1-2-3 Buffer
OUT0
OUT0#
OUT1
OUT1#
OUT2
OUT2#
OUT3
OUT3#
Output
Control
SMBus
Controller
PLL
PLL_BW#
SRC
SRC#
PLL/BYPASS#
SCLK
SDA
OE_INV
OE_0 & OE_3
PWRDWN#
VDD_A
GNDA
OE_INV
OUT3
OUT3#
OE_3
OUT2
OUT2#
PLL_BW#
VDD
PWRDWN#
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
SRC
SRC#
GND
VDDO
OUT0
OUT0#
OE_0
OUT1
OUT1#
PLL/BYPASS#
SCLK
SDA
NC
VDDO
VDDO
VDDO
PLL/BYPASS#
15-0083


Similar Part No. - PI6CDBL402B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
PI6CDBL401BZHIE PERICOM-PI6CDBL401BZHIE Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
PI6CDBL401BZHIEX PERICOM-PI6CDBL401BZHIEX Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
More results

Similar Description - PI6CDBL402B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
logo
Pericom Semiconductor C...
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
4-Output Low Power PCIE GEN1-2-3 Buffer
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com