Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
13
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 28-Pin TSSOP (L)
DESCRIPTION: 28-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1313
REVISION: D
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
.378
.386
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.252
BSC
1
28
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
9.6
9.8
0.65
0.19
0.30
.007
.012
.004
.008
Max
Note:
1. Package Outline Exclusive of Mold Flash and Metal Burr
2. Controlling dimentions in millimeters
3. Ref: JEDEC MO-153F/AE
Ordering Information(1-3)
Ordering Code
Package Code
Package Description
PI6CDBL402BLIE
LE
28-pin, 173-mil wide (TSSOP)
PI6CDBL402BLIEX
LE
28-pin, 173-mil wide (TSSOP), Tape & Reel
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free and Green
3. Adding an X suffix = Tape/Reel
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com