Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
11
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Electrical Characteristics–Current Consumption (T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO = 3.3V+/-
10%, VDDO = 2.5V+/-10%, VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol Parameters
Condition
Min.
Type
Max.
Units
I
DDOP
Operating Supply Current1
Total power consumption, All outputs active
@100MHz, typical value under VDDO = 1.8V
50
60
mA
Total power consumption, All outputs active
@100MHz PLL bypass mode, typical value
under VDDO = 1.8V
24
28
mA
I
DDPD
Powerdown Current1,2
Total power consumption, Outputs Low
1.3
mA
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Input clock stopped.
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characterisitics (T
A =
-40~85oC; VDD = 3.3V+/-10%; VDDO = 3.3V+/-10%, VDDO = 2.5V+/-10%, VDDO = 1.8V+/-10%, See Test Loads for
Loading Conditions)
Symbol
Parameters
Condition
Min.
Type
Max.
Units
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
DCD
Duty Cycle Distortion1,3
Measured differentially, Bypass Mode
@100MHz
-1.3
0
1.3
%
t
pdBYP
Skew, Input to Output1,4
Bypass Mode, VT = 50%
2500
5000
ps
t
pdPLL
PLL Mode VT = 50%
-260
260
ps
t
skew
Skew, Output to Output1,2
PLL Mode VT = 50%
60
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode
60
ps
Additive Jitter in Bypass Mode
25
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4. All outputs at default slew rate
5. The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com