Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CDBL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
22
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Pin Description
Pin #
Pin Name
Type
Description
2, 3
SRC & SRC#
Input
0.7V Differential SRC input from PI6C410 clock synthesizer
8, 21
OE_0 & OE_3
Input
3.3V LVTTL input for enabling outputs, active high.
OE_0 for OUT0 / OUT0#
OE_3 for OUT3 / OUT3#
25
OE_INV
Input
3.3V LVTTL input for inverting the OE and PWRDWN# pins.
When 0 = same stage
When 1 = OE_0, OE_3, PWRDWN# inverted.
6, 7, 9, 10, 19, 20, 22, 23 OUT[0:3] & OUT[0:3]# Output
0.7V Differential outputs, refer Power Management Table for
detail output status
12
PLL/BYPASS#
Input
3.3V LVTTL input for selecting fan-out of PLL operation.
13
SCLK
Input
SMBus compatible SCLOCK input
14
SDA
I/O
SMBus compatible SDATA
26
NC
No Connect
17
PLL_BW#
Input
3.3V LVTTL input for selecting the PLL bandwidth
15
PWRDWN#
Input
3.3V LVTTL input for Power Down operation, active low
5, 11, 18, 24
V
DDO
Power
Power supply for outputs, range from 1.8V~3.3V
4
GND
Ground Ground for Outputs
27
GNDA
Ground Ground for PLL
28
V
DD_A
Power
3.3V Power Supply for PLL
1, 16
V
DD
Power
3.3V Power Supply for PLL
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com