Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
99
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions (T
A = -40~85
o
C; SVDD = 3.3V+/-10%; VDDO = 3.3V+/-10%, VDDO = 2.5V+/-10%, VDDO = 1.8V+/-
10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Type Max. Units
V
DD_A, VDD
Supply Voltage1
Supply voltage for core, analog
3.0
3.3
3.6
V
V
DDO
Supply Voltage1
3.3V Operation
2.97
3.3
3.63
V
2.5V Operation
2.25
2.5
2.75
1.8V Operation
1.62
1.8
1.98
V
IH
Input High Voltage1
Single-ended inputs, except SMBus
0.65
V
DD
V
DD +
0.3
V
V
IL
Input Low Voltage1
Single-ended inputs, except SMBus
-0.3
0.35
V
DD
V
V
IH
Output High Voltage1
Single-ended outputs, except SMBus. I
OH = -2mA
V
DD-
0.45
V
V
IL
Outputt Low Voltage1
Single-ended outputs, except SMBus. I
OL = -2mA
0.45
V
I
IN
Input Current1
Single-ended inputs, V
IN = GND, VIN = VDD
-5
5
uA
I
INP
Single-ended inputs
V
IN = 0 V; Inputs with internal pull-up resistors
V
IN = VDD; Inputs with internal pull-down resis-
tors
-200
200
uA
F
ibyp
Input Frequency2
Bypass mode
1
400
MHz
F
ipll100
100MHz PLL mode
95
100.00 105
MHz
Lpin
Pin Inductance1
7
nH
C
IN
Capacitance1,4
Logic Inputs, except DIF_IN
1.5
5
pF
C
INDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
C
OUT
Output pin capacitance
6
pF
T
STAB
Clk Stabilization1,2
From V
DD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.6
1
ms
f
MODIN
Input SS Modulation
Frequency1
Allowable Frequency
(Triangular Modulation)
30
31.500 33
kHz
t
LATOE#
OE# Latency1,3
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
t
DRVPD
Tdrive_PD#1,3
DIF output enable after
PD# de-assertion
300
us
t
F
Tfall1,2
Fall time of single-ended control inputs
5
ns
t
R
Trise1,2
Rise time of single-ended control inputs
5
ns
V
ILSMB
SMBus Input Low
Voltage1
0.8
V
V
IHSMB
SMBus Input High
Voltage1
2.1
3.6
V
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com