Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CDBL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
33
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Serial Data Interface (SMBus)
This part is a slave only device that supports blocks read and block write protocol using a single 7-bit address and read/write bit as
shown below.
Read and write block transfers can be stopped after any complete byte transfer by issuing STOP.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
W/R
1
1
0
1
1
1
0
0/1
Data Protocol
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
Slave
Addr
R/W Ack
Register
offset
Ack
Byte
Count
= N
Ack
Data
Byte 0
Ack
…
Data
Byte N
- 1
Ack
Stop bit
Notes:
1. Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
Output[1]/ Output[2] state choose
OE_INV
PWRDWN#
Byte0/Bit7
OE(Pin)
OE(SMBus bit) OUT1/ OUT2 OUT1#/ OUT2#
0
X
X
NA
0
LOW
LOW
0
0
0
NA
1
HIGH
LOW
0
0
1
NA
X
LOW
LOW
0
1
X
NA
1
Clock output
Clock output
1
X
X
NA
0
LOW
LOW
1
1
0
NA
1
HIGH
LOW
1
1
1
NA
X
LOW
LOW
1
0
X
NA
1
Clock output
Clock output
Notes:
1. all registers can’t be written/read during PWRDWN# active
Power Management Table
Output[0]/ Output[3] state choose
OE_INV
PWRDWN#
Byte0/Bit7 OE_0/OE_3(Pin) OE(SMBus bit) OUT0/ OUT3 OUT0#/ OUT3#
0
X
X
0
X
LOW
LOW
0
X
X
X
0
LOW
LOW
0
0
0
1
1
HIGH
LOW
0
0
1
X
X
LOW
LOW
0
1
X
1
1
Clock output
Clock output
1
X
X
1
X
LOW
LOW
1
X
X
X
0
LOW
LOW
1
1
0
0
1
HIGH
LOW
1
1
1
X
X
LOW
LOW
1
0
X
0
1
Clock output
Clock output
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com