Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  RL1220S-R20-F Datasheet HTML 1Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 2Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 3Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 4Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 5Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 6Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 20mW/°C above 25°C.
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN
VIN Relative to GND
-0.3 to 6.0
V
VCSI
CSI to GND
-0.3 to VCC + 0.3
VT2X
T2X to GND
-0.3 to 5.5
Bias, VBAT
BAT to GND
-0.3 to VCC + 0.3
TJ
Operating Junction Temperature Range
-40 to 85
°C
Thermal Information
Symbol
Description
Value
Units
JA
Maximum Thermal Resistance2, 3
50
°C/W
PD
Power Dissipation (TA = 25°C)
2.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com