Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  RL1220S-R20-F Datasheet HTML 1Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 2Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 3Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 4Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 5Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 6Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Pin Descriptions
Pin #
Symbol
Function
1
TS
Battery temperature sense input.
2, 3, 8, 12
N/C
Not connected.
4
STAT
Battery charger status output. Connect an LED in series with 2.2k from STAT to VIN for a visual
monitor battery charge state or connect to a microcontroller to monitor battery status. A 100k
resistor should be placed between STAT and VIN for this function.
5
VSS
Common ground connection.
6
DRV
Battery charge control output.
7
T2X
Battery trickle charge control input. Connect this pin to VSS to double the battery trickle charge cur-
rent. Leave this pin floating for normal trickle current (10% of full charge current). To enter micro-
controller fast-read status, pull this pin high during power up.
9BAT
Battery charge control output. Current regulated output to charge the battery. For best operation, a
0.1μF ceramic capacitor should be placed between BAT and GND.
10
VSS
Common ground connection.
11
GATE
Input voltage for biasing the pass device.
13
VP
Battery charge power input.
14
CSI
Current sense input.
15
BSENSE
Battery voltage sense input.
16
VCC
AAT3682 bias input power.
EP
Exposed paddle (bottom); connect to GND directly beneath the package.
Pin Configuration
QFN44-16
(Top View)
1
2
3
4
12
11
10
9
TS
N/C
N/C
STAT
BAT
VSS
GATE
N/C
AAT3682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com