Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  RL1220S-R20-F Datasheet HTML 1Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 2Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 3Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 4Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 5Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 6Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
General Description
The AAT3682 is a lithium-ion/polymer linear battery
charger. It is designed for compact portable applications
with a single-cell battery. The AAT3682 precisely regu-
lates battery charge voltage and charge current, and
offers an integrated pass device, minimizing the number
of external components required.
The AAT3682 charges the battery in three different
phases: preconditioning, constant current, and constant
voltage. In preconditioning mode, the charge current has
two different levels and is controlled by one external pin.
Battery charge temperature and charge state are care-
fully monitored for fault conditions. A battery charge
stable monitor output pin is provided to indicate the bat-
tery charge status through a display LED or interface to
a system controller. The AAT3682 has a sleep mode
option for when the input supply is removed. In this
mode, it draws only 2.0μA of typical current.
The AAT3682 is available in a Pb-free, 16-pin QFN44
package and is specified over the -20°C to +70°C tem-
perature range.
Features
• VIN Range: 4.7V to 6.0V
• Low Quiescent Current, Typically 0.5mA
• 1% Accurate Preset Voltage
• Up to 1A of Charging Current
• Integrated Pass Device
• Battery Temperature Monitoring
• Fast Trickle Charge Option
• Deep Discharge Cell Conditioning
• LED Charge Status Output or System Microcontroller
Serial Interface
• Power-On Reset
• Lower Power Sleep Mode
• Status Outputs for LED or System Interface Indicates
Charge and Fault Conditions
• Temperature Range: -20°C to +70°C
• 16-Pin QFN44 Package
Applications
• Cellular Telephones
• Digital Still Cameras
• Hand-Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)
Typical Application
VP
Gate
DRV
CSI
VCC
VSS
BAT
T2X
BSENSE
TS
STAT
R
SENSE
C
IN = 10μF
C
OUT = 1μF
LED 1
R
2 = 1K
BATT+
BATT-
R
T1
VP
R
T2
TEMP
Adapter
R
4
R
3


Similar Part No. - RL1220S-R20-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1220S-R12-F ETC-RL1220S-R12-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
RL1220S-R33-F ETC2-RL1220S-R33-F Datasheet
165Kb / 6P
RP series, RPH series,high-power metal film chip resistors
More results

Similar Description - RL1220S-R20-F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com