Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 10Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 11Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 12Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 13Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 14Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Sleep / Charge Complete
Temp., OC, OV Fault
Battery Conditioning
Constant Current Mode
Constant Voltage Mode
off / off / off / off
on / on / off / off
on / on / on / on
on / off / off / off
on / on / on / off
Charge Status
Output Status
LED Display
on/off
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
on/off
on/off
on/off
Figure 3: LED Display Output.
Resuming Charge and the VRCH Threshold
The AAT3682 will automatically resume charging under
most conditions when a battery charge cycle is inter-
rupted. Events such as an input supply interruption or
under voltage, removal and replacement of the battery
under charge, or charging a partially drained battery are
all possible. The AAT3682 will monitor the battery volt-
age and automatically resume charging in the appropri-
ate mode based upon the measured battery cell voltage.
This feature is useful for systems with an unstable input
supply, which could be the case when powering a char-
ger from a USB bus supply. It is also beneficial for charg-
ing or “topping off” partially discharged batteries. The
only restriction on resuming charge of a battery is that
the battery cell voltage must be below the battery
recharge voltage threshold (VRCH) specification. There is
VRCH threshold hysteresis built into the charge control
system. This is done to prevent the charger from errone-
ously turning on and off once a battery charge cycle is
complete.
For example, the AAT3682 has a typical VRCH threshold of
4.1V. A battery under charge is above 4.1V, but is still in
the constant voltage mode because it has not yet
reached 4.2V to complete the charge cycle. If the battery
is removed and then placed back on the charger, the
charge cycle will not resume until the battery voltage
drops below the VRCH threshold. In another case, a bat-
tery under charge is in the constant current mode and
the cell voltage is 3.7V when the input supply is inadver-
tently removed and then restored. The battery is below
the VRCH threshold and the charge cycle will immediately
resume where it left off.
LED Display Charge Status Output
The AAT3682 provides a battery charge status output via
the STAT pin. STAT is an open-drain serial data output
capable of displaying five distinct status functions with
one LED connected between the STAT pin and VP. There
are four periods which determine a status word. Under
default conditions, each output period is one second
long; thus one status word will take four seconds to dis-
play through an LED. The five modes include:
1. Sleep/Charge Complete: The IC goes into Sleep
mode when no battery is present -OR- when the
charge cycle is complete.
2. Fault: When an over-current (OC) condition is
detected by the current sense and control circuit
-OR- when an over-voltage (OV) condition is detect-
ed at the BAT pin -OR- when a battery over-temper-
ature fault is detected on the TEMP pin.
3. Battery Conditioning: When the charge system is in
1X or 2X trickle charge mode.
4. Constant Current (CC) Mode: When the system is in
constant current charge mode.
5. Constant Voltage (CV) Mode: When the system is in
constant voltage charge mode.
An additional feature of the LED status display is for a
Battery Not Detected state. When the AAT3682 senses
there is no battery connected to the BAT pin, the STAT
output will turn the LED on and off at a rate dependent
on the size of the output capacitor being used. The LED
cycles on for two periods then remains off for two peri-
ods. See Figure 3 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com