Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button RL1220S-R20-F Datasheet HTML 10Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 11Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 12Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 13Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 14Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 15Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 16Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 17Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
17
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Reference
Symbol
Description
Footprint
Part Number
Manufacturer
U1
Battery Charger AAT3682
QFN44-16
AAT3682-4.2
Skyworks
C1
Ceramic Capacitor 20μF-10V-X5R
1210
GRM32ER61A226KA65L
Murata
C2
Ceramic Capacitor 10μF-10V-X5R
0805
GRM21BR61A106KE19L
C3
Ceramic Capacitor 0.047μF-10V-X7R
0805
VJ0805Y473KXQA
Vishay
R1
Resistor 2.2k 1/4W
0402
CRCW04022211F
R2
Current Sensing Resistor 0.2 1/4W
0805
RL1220S-R20-F
SSM Susumu
R3
Resistor 1.0k 1% 1/4W
0402
CRCW04021003F
Vishay
R4
Resistor 1.0k 1% 1/4W
0402
CRCW04021001F
R5
Resistor 100k 1% 1/4W
0402
CRCW04021003F
R6
Resistor 100k 1% 1/4W
0402
CRCW04021003F
R7
Resistor 100k 1% 1/4W
0402
CRCW04021003F
J1
4-Pin Socket Connector
4 Pin
277-1273-ND
J2
6-Pin Socket Connector
6 Pin
277-1274-ND
S1
Jumper Stand Switch
2mm Jumper
S2105-40-ND
D1
Green LED
1206
L62215CT-ND
Chicago Miniature
D2
3.0A Schottky Diode
SMA
B340LADITR-ND
Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com