Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 10Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 11Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 12Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 13Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 14Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 15Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 16Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
13
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
1
2
J1
1
2
3
J2
1K
R4
0.2Ω
R2
1K
R3
2.2K
R1
100K
R6
100K
R5
D2
22μF
C1
10μF
C2
Green LED
VIN
GND
D1
47nF
C3
TS
1
N/C
2
N/C
3
STAT
4
BAT 9
VSS 10
GATE 11
N/C 12
AAT3682
U1
100K
R7
2
1
3
SW-T2X
S1
1000pF
C4
4.7μF
C5
Remove capacitor for
progressive dimming
Figure 5: Evaluation Board Schematic.
Applications Information
Choosing a Sense Resistor
The charging rate recommended by lithium-ion/polymer
cell vendors is normally 1C, with a 2C absolute maximum
rating. Charging at the highest recommended rate offers
the advantage of shortened charging time without
decreasing the battery’s lifespan. This means that the
suggested fast charge rate for a 500mAH battery pack is
500mA. Refer to the Safe Operating Area curves in the
Typical Characteristics section of this datasheet to deter-
mine the maximum allowable charge current for a given
input voltage. The current sense resistor, RSENSE, programs
the charge current according to the following equation:
V
CC - VCSI
R
SENSE =
I
CHARGE
Where ICHARGE is the desired typical charge current during
constant current charge mode. VCC - VCSI is the voltage
across RSENSE, shown in the Electrical Characteristics
table as VCS. To program a nominal 500mA charge cur-
rent during fast charge, a 200m value resistor should
be selected. Calculate the worst case power dissipated in
the sense resistor according to the following equation:
V
CS
2
0.1V
2
P =
=
= 50mW
R
SENSE
0.2
Ω
A 500mW LRC type sense resistor from IRC is adequate
for this purpose. Higher value sense resistors can be
used, decreasing the power dissipated in the sense resis-
tor and pass transistor. The drawback of higher value
sense resistors is that the charge cycle time is increased,
so tradeoffs should be considered when optimizing the
design.
Thermistor
The AAT3682 checks battery temperature before starting
the charge cycle, as well as during all stages of charging.
This is accomplished by monitoring the voltage at the TS
pin. Either a negative temperature coefficient thermistor
(NTC) or positive-temperature coefficient thermistor
(PTC) can be used because the AAT3682 checks to see



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com