Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  RL1220S-R20-F Datasheet HTML 1Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 2Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 3Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 4Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 5Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 6Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
1. The AAT3682 output charge voltage is specified over the 0°C to 55°C ambient temperature range; operation over -20°C to 70°C is guaranteed by design.
2. 1A of charging current is only for dynamic applications and not DC. In addition, the ambient temperature must be at or below 50°C.
Electrical Characteristics1
VIN = 5.0V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN
Operation Input Voltage
4.7
6.0
V
ICC
Operating Current
VIN = 5.5V, VCH = 4.2
0.5
3.0
mA
ISLEEP
Sleep Mode Current
VIN = 3.5V, VCH = 4.2
3.0
6.0
μA
ISTAT(HI)
STAT High Level Output Leakage Current
VIN = 5.5V
-1.0
+1.0
μA
VSTAT(LOW)
STAT Low Level Sink Current
VIN = 5.5V, ISINK = 5mA
0.3
0.6
V
VCH
Output Charge Voltage Regulation
VBAT = 4.2V
TA = 25°C
4.175
4.20
4.225
V
See Note 1
4.158
4.20
4.242
VCS
Charge Current Regulation
VIN = 5.5V, VCH = 4.2
90
100
110
mV
ICH
Charge Current2
VIN = 5.5V
1.0
A
VMIN
Preconditioning Voltage Threshold
VCH = 4.2V
3.04
3.1
3.16
V
VTRICKLE
Trickle Charge Current Regulation
T2X Floating; VCH = 4.2V
10
mV
T2X
Trickle Charge Current Gain
T2X = VSS
1.8
VTS1
Low Temperature Threshold
29.1
30
30.9
%VCC
VTS2
High Temperature Threshold
58.2
60
61.8
%VCC
VTERM
Charge Termination Threshold Voltage
4
12
24
mV
VRCH
Battery Recharge Voltage Threshold
VCH = 4.2V
4.018
4.1
4.182
V
VUVLO
Under-Voltage Lockout
VIN Rising, TA = 25°C
3.5
4.0
4.5
V
VOVP
Over-Voltage Protection Threshold
4.4
V
VOCP
Over-Current Protection Threshold
200
%VCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com