Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button RL1220S-R20-F Datasheet HTML 10Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 11Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 12Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 13Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 14Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 15Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 16Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 17Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
15
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
continue at approximately 3Hz with a 0.1μF capacitor
connected. A larger capacitor value will produce a slower
voltage cycle. This operation mode can be observed by
viewing the STAT LED blinking on and off at the rate
established by the COUT value. For desktop charger appli-
cations, where it might not be desirable to have a “char-
ger ready” blinking LED, a large COUT capacitor in the
range of 100μF or more would prevent the operation of
this mode.
The AAT3682 features a charge status output. Connecting
a LED to the STAT pin will display all the three conditions
of battery operation. Once the adapter is connected to
the battery charger, the LED will be fully illuminated. As
the battery charges, the LED will gradually dim as it
transitions to constant current mode and to constant
voltage mode. Table 1 summarizes the conditions.
Charge Status
LED Display
No Battery Connected
Blinking
Battery Condition
100% LED Light
Constant Current
75% LED Light
Constant Voltage
25% LED Light
Sleep/Charge Complete
Off
Table 1: Charging Status.
For applications where gradual dimming of the LED is not
desired, adding C3 (refer to Figure 5) between the STAT
pin and VSS will alter the charging status. In addition,
the AAT3682 must be configured to operate in the high
frequency STAT mode by connecting the T2X pin to VCC
via 100k resistor.
As the battery is transitioning from trickle charge to con-
stant current charge and constant voltage, the LED will
remain illuminated. Once the battery is fully charged,
the LED will shut off, indicating completion of charge.
Table 2 summarizes the conditions.
Charge Status
LED Display
No Battery Connected
Blinking
Battery Condition
On
Constant Current
On
Constant Voltage
On
Sleep/Charge Complete
Off
Table 2: Charging Status With C3 Connected.
Reverse Current Blocking Diode
A reverse blocking diode is generally required for the
circuit shown in Figure 5. The blocking diode gives the
system protection from a shorted input. If there is no
other protection in the system, a shorted input could
discharge the battery through the body diode of the
internal pass MOSFET. If a reverse blocking diode is
added to the system, a device should be chosen that can
withstand the maximum constant current charge current
at the maximum system ambient temperature.
Additionally, the blocking diode will prevent the battery
from being discharged to the UVLO level by the AAT3682
in the event that power is removed from the input to the
AAT3682. For this reason, the blocking diode must be
placed in the location shown in Figure 5.
Diode Selection
Typically, a Schottky diode is used in reverse current
blocking applications with the AAT3682. Other lower cost
rectifier type diodes may also be used if sufficient input
power supply headroom is available.
The blocking diode selection should based on merits of
the device forward voltage (VF), current rating, input
supply level versus the maximum battery charge volt-
age, and cost.
First, one must determine the appropriate minimum
diode forward voltage drop:
VIN(MIN) = VBAT(MAX) + VF(TRAN) + VF(DIODE)
Where:
VIN(MIN) = Minimum input supply level
VBAT(MAX) = Maximum battery charge voltage required
VF(TRAN) = Pass transistor forward voltage drop
VF(DIODE) = Blocking diode forward voltage
Based on the maximum constant current charge level set
for the system, the next step is to determine the mini-
mum current rating and power handling capacity for the
blocking diode. The constant current charge level itself
will dictate what the minimum current rating must be for
a given blocking diode. The minimum power handling
capacity must be calculated based on the constant cur-
rent amplitude and the diode forward voltage (VF):
V
F
P
D(MIN) =
I
CC
Where:
PD(MIN) = Minimum power rating for a diode selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com