Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R20-F Datasheet(PDF) 16 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 16 Page - Skyworks Solutions Inc.

Back Button RL1220S-R20-F Datasheet HTML 10Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 11Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 12Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 13Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 14Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 15Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 16Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 17Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
16
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Figure 6: Evaluation Board Top Side Layout.
Figure 7: Evaluation Board Bottom Side Layout.
VF = Diode forward voltage
ICC = Constant current charge level for the system
Schottky Diodes
Schottky diodes are selected for this application because
they have a low forward voltage drop, typically between
0.3V and 0.4V. A lower VF permits a lower voltage drop
at the constant current charge level set by the system;
less power will be dissipated in this element of the cir-
cuit. A Schottky diode allows for lower power dissipation,
smaller component package sizes, and greater circuit
layout densities.
Rectifier Diodes
Any general purpose rectifier diode can be used with the
AAT3682 application circuit in place of a higher cost
Schottky diode. The design trade-off is that a rectifier
diode has a high forward voltage drop. VF for a typical
silicon rectifier diode is in the range of 0.7V. A higher VF
will place an input supply voltage requirement for the
battery charger system. This will also require a higher
power rated diode since the voltage drop at the constant
current charge amplitude will be greater. Refer to the
previously stated equations to calculate the minimum VIN
and diode PD for a given application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com