Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2593A20-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
Pin Out Diagram
Figure 2: SE2593A20 Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
GND
Ground
2
Rg
2.4 GHz Receive Output
3
GND
Ground
4
Ra
5 GHz Receive Output
5
GND
Ground
6
Tg
2.4 GHz Transmit Input
7
GND
Ground
8
Ta
5 GHz Transmit Input
9
GND
Ground
10
N/C
Not used, floating PIN
11
VCC
Supply Voltage
12
GND
Ground
Pin No.
Name
Description
13
ENa
5 GHz PA Enable
14
ENg
2.4 GHz PA Enable
15
N/C
Not used, floating PIN
16
Det
Power Detector
17
N/C
Not used, floating PIN
18
GND
Ground
19
N/C
Not used, floating PIN
20
N/C
Not used, floating PIN
21
GND
Ground
22
ANT
Antenna
23
GND
Ground
24
RX
Rx Switch Select
Bsel V_LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com