Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 17Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 18Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
17
Figure 7: Tape Mechanical Drawing
Document Change History
Revision
Date
Notes
1.0
November 9, 2006
Create
1.1
February 8, 2007
Standardize Pin Naming.
1.2
March 28, 2007
Update 5GHz detector characteristics
1.3
March 28, 2007
Updated package thickness
1.4
June 29, 2007
Modify LNA controls from LNAg & LNAa to BSEL & V_LNA.
Updated current consumption in 2GHz and 5GHz TX channels
Updated spurious rejection specifications in 2GHz and 5GHz TX channels
Updated noise figure specification in 2GHz and 5GHz RX channels.
Updated gain profiles in 2GHz and 5GHz RX chains
Updated 5GHz detector characteristics
1.5
August 23, 2007
Updated schematic
1.6
January 28, 2008
Updated product name from SE2593A to SE2593A20.
Updated quiescent current in 2GHz and 5GHz TX chains.
Added shipping tray information
1.7
March 5, 2008
Updated harmonics specification in 2GHz TX chain.
1.8
April 15, 2008
Add 5GHz detector plot
Update tray specification and MOQ
1.9
Jun 15, 2008
Updated packaging for halogen free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com