Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
6
V_LNA
Bsel
2.4 GHz LNA
5 GHz LNA
VRENL
VRENL
Bypass Mode
Bypass Mode
No gain in either path. This can be used
for high input signal conditions.
VRENL
VRENH
Bypass Mode
Bypass Mode
No gain in either path. This can be used
for high input signal conditions.
VRENH
VRENL
Off
On
Activates a-band LNA
VRENH
VRENH
On
Off
Activates bg-band LNA
RF Switch Characteristics
Conditions: VCC = VEN = 3.3 V, TA = 25
C, as measured on Skyworks Solutions’ SE2593A20-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCTL_ON
Control Voltage
(On State)
-
3.0
-
3.6
V
VCTL_OFF
Control Voltage
(OFF State)
-
0.0
-
0.2
V
SWON
Low Loss Switch Control
Voltage
High State = VCTL_ON
- VCTL_OFF
2.8
-
VCC
V
SWOFF
High Loss Switch Control
Voltage
Low State = VCTL_OFF
- VCTL_OFF
0
-
0.3
V
ICTL_ON
Switch Control Bias Current
(RF Applied)
On pin (TX, RX)
being driven high.
RF Applied
-
-
100
A
ICTL_ON
Switch Control Bias Current
(No RF)
On pin (TX, RX)
being driven high.
No RF
-
-
30
A
CCTL
Control Input Capacitance
-
-
-
100
pF
RF Switch Logic
RF Switch Function
CTRL_T
CTRL_R
Tg, Ta – ANT
Rg, Ra – ANT
SWON
SWOFF
ON
OFF
SWOFF
SWON
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com