Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 16Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
Phone [781] 376-3000 Fax [781] 376-3100 sales@skyworksinc.com www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
13
Package Diagram
Vctrl1
Vcrtl2
N/C
GND
N/C
V_LNA
Bsel
N/C
ven2
ven5
GND
Vcc
N/C
2Rx
GND
GND
ANT
5Rx
GND
GND
N/C
2Tx
N/C
GND
GND
5Tx
N/C
GND
Vpdet
TOP SIDE
PIN
NAME
DESCRIPTION
PIN DESCRIPTION TABLE
PIN
NAME
DESCRIPTION
BOTTOM SIDE
SIGNAL
PAD DETAIL
GROUND
SLUG DETAIL
CL
CL
CL
CL
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND SLUG
GND SLUG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND SLUG
GND SLUG
Figure 4: Package Outline Drawing
Recommended Land and Solder Patterns
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com