Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
10
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ISOLRRX
Reverse Isolation
V_LNA = 0V, RX = 0V
-
20
-
dB
INT
Interferer
With this input IIP3 can
only degrade by 1dB
-10
-
-
dBm
S11
Return Loss
-
8
12
-
dB
IP1dB
Input P1dB
V_LNA = 3.3 V
V_LNA = 0 V
-
-3
10
-
dBm
TEN
Enable Time
10% to 90% of RX RF
power, from time that
V_LNA is at 50%
500
nsec
2.4 GHz Power Detector Characteristics
Conditions: VCC = 3.3 V, ENg = TX = 3.3 V, LNAa = LNAg = RX = ENa = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with
50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
PDR
Power detect range,
peak power
Measured at ANT
0
-
22
dBm
PDZLOAD
DC load impedance
-
-
2.7
3
kΩ
PDVP17
Output Voltage, POUT =
21 dBm
-
-
-
1.0
V
PDVp0
Output Voltage, POUT =
5 dBm
-
0.35
-
V
PDVpnoRF
Output Voltage, POUT =
No RF
-
-
0.32
-
V
LPF-3dB
Power detect low pass
filter -3dB corner
frequency
Load = high impedance
Typ: 500 kΩ
270
300
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com