Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
9
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
S21
Small Signal Gain
4900 – 5850 MHz
960 – 3265 MHz
3265 – 3900 MHz
6900 – 7250 MHz
7250 – 7800 MHz
7800 – 8500 MHz
22
-
-
-
-
-
-
-30
-10
-10
-12
-10
28
10
5
3
-10
10
dB
∆S21
Small Signal Gain Variation Over 40 MHz Channel
-
-
0.4
dB
Small Signal Gain Variation Over Band
-
-
3
dB
2f,3f
Harmonics, 54Mbps,
802.11a signal
Pout = 16dBm
4900 – 5150 MHz
5150 – 5850 MHz
-
-
-45
-50
-42
-48
dBm/MHz
NF
Noise Figure
Pout < 16 dBm
4900 – 5850 MHz
-
TBD
10
dB
tr
Rise Time
10 % to 90% of final
output power level
-
-
0.8
μs
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
-
0.5
μs
S11
Input Return Loss
-
10
-
-
dB
SPUR
Spurious
Pout < 16dBm, VSWR =
2:1, 100 – 24000 MHz
-
-
-45
dBm/MHz
STAB
Stability
POUT ≤ 18 dBm
Load VSWR = 10:1
All non-harmonically related outputs less than
-50 dBc/1MHz
5 GHz Receive Characteristics
Conditions: VCC = V_LNA = RX = 3.3 V, Bsel = ENg = ENa = TX = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with
50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
4900
-
5850
MHz
S21
Receive Gain
4900 – 5850 MHz
800 – 2500 MHz
2500 – 3900 MHz
6500 – 7800 MHz
-
-
-
-
12
-10
6
11
-
-5
10
12
dB
Receive Gain,
Bypass mode
V_LNA = 0.0 V
-
-7
-
dB
∆S21
Gain Variation
4900 – 5850 MHz, Over
any 40MHz band
-
-
0.5
dB
NF
Noise Figure
-
2.8
3.2
dB
IIP3
Third Order Intercept
-
TBD
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com