Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2593A20-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
5
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
802.11a Transmit
supply Current
ENa = 3.3V, ENg = 0V,
TX = 3.3V, RX = 0V
RxICC-G
Total 802.11b/g
Receive Supply
Current
V_LNA = 3.3 V, Bsel = 3.3 V,
RX = 3.3 V, TX = 0 V
-
8.5
15
mA
RxICC-a
Total 802.11a Receive
Supply Current
V_LNA = 3.3 V, Bsel = 0 V,
RX = 3.3 V, TX = 0 V
-
8.5
15
mA
ICC_OFF
Total Supply Current
No RF, ENg = ENa = 0 V,
V_LNA = 0 V, TX = RX = 0 V
-
2
10
μA
Transmit Power Amplifier Logic Characteristics
Conditions: VCC = 3.3 V, TA = 25
C, as measured on Skyworks Solutions’ SE2593A20-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage for ENg,
ENa (Module On)
-
2.0
-
VCC
V
VENL
Logic Low Voltage ENg,
ENa (Module Off)
-
0
-
0.5
V
IENH
Input Current Logic High
Voltage (ENg, ENa)
-
-
100
150
μA
IENL
Input Current Logic Low
Voltage (ENg, ENa)
-
-
0.2
-
μA
Receive LNA Logic Characteristics
Conditions: VCC = 3.3 V, TA = 25
C, as measured on Skyworks Solutions’ SE2593A20-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VRENH
Logic High Voltage for
V_LNA, Bsel (Module On)
-
2.5
-
VCC
V
VRENL
Logic Low for V_LNA, Bsel
(Module Off)
-
-0.5
-
0.3
V
IRENH
Input Current Logic High
Voltage (V_LNA, Bsel)
-
-
1
2
μA
IRENL
Input Current Logic Low
Voltage (V_LNA, Bsel)
-
-
0
-
μA
LNA Enable Logic
LNA Function
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com