Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
7
2.4 GHz AC Electrical Characteristics
2.4 GHz Transmit Characteristics
Conditions: VCC = 3.3 V, ENg = TX = 3.3 V, V_LNA = ENa = RX = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with
50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
P802.11g
Output power
54 Mbps OFDM signal,
64QAM, EVM ≤ 3.0 %
17
18
-
dBm
P802.11b
Output power
11 Mbps CCK signal,
BT = 0.45
ACPR(Adj) < -32
ACPR(Alt) < -52
19
20
-
dBm
BEVM
Backed Off EVM
54 Mbps, OFDM signal,
64 QAM, P = 12 dBm
-
1.5
-
%
P1dB
P1dB
-
-
25
-
dBm
S21
Small Signal Gain
2400 – 2485 MHz
960 – 1600 MHz
1600 – 1660 MHz
3260 – 3267 MHz
23
-
-
-
-
-
-
-
30
0
0
2
dB
∆S21
Small Signal Gain
Variation Over Band
Over any 40 MHz band
-
-
0.5
dB
2f,3f
Harmonics
Pout = 18 dBm, 1 Mbps,
802.11b CCK
-
-50
-45.2
dBm
Pout = 17 dBm, 54Mbps
OFDM signal
-55
-48.2
NF
Noise Figure
Pout < 20 dBm
-
-
10
dB
tr
Rise Time
10 % to 90% of final
output power level
-
-
0.5
μs
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
-
0.5
μs
S11
Input Return Loss
-
10
-
-
dB
Spur
Spurious
Pout < 20 dBm, VSWR =
2:1 100 MHz to 10 GHz
-
-
-45
dBm/MHz
STAB
Stability
POUT ≤ PSAT
Load VSWR = 10:1
All non-harmonically related outputs less than
-50 dBc/1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com