Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2593A20-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SE2593A20-R
Description  Dual-Band 802.11n Wireless LAN Front-End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2593A20-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SE2593A20-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2593A20-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DATA SHEET
SE2593A20: Dual-Band 802.11n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc.
• Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
8
2.4 GHz Receive Characteristics
Conditions: VCC = V_LNA = Bsel = RX = 3.3V, ENg = ENa = TX = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with
50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
S21
Receive Gain, LNA
enabled.
2400 – 2485 MHz
800 – 1200 MHz
1200 – 1700 MHz
1700 – 1900 MHz
3200 – 6000 MHz
11
-
-
-
-
13
-
-
-
-
-
-10
3
+10
+10
dB
Receive Gain,
Bypass mode
V_LNA = 0 V
2400 – 2485 MHz
-
-7
-
dB
∆S21
Gain Variation
2400 – 2485 MHz, Over
any 40MHz band
-
-
.5
dB
NF
Noise Figure
-
-
2.6
7
2.8
-
dB
IIP3
Third Order Intercept
-
TBD
-
dBm
ISOLRRX
Reverse Isolation
V_LNA = 0V, RX = 0 V
-
-23
-
dB
INT
Interferer
With this input , IIP3 can
only degrade by 1dB
-10
-
-
dBm
S11
Input Return Loss
-
10
12
-
dB
IP1dB
Input P1dB
V_LNA = 3.3 V
V_LNA = 0 V
-
-
-5
8
-3.5
-
dBm
TEN
Enable Time
10% to 90% of RX RF
power, from time that
V_LNA is at 50%
500
nsec
5 GHz AC Electrical Characteristics
5 GHz Transmit Characteristics
Conditions: VCC = 3.3 V, ENa = TX = 3.3 V, V_LNA = ENg = RX = 0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with
50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
4900
-
5850
MHz
P802.11a
Nominal Output Power
54 Mbps OFDM signal, 64
QAM, EVM = 3.0 %
-
16
-
dBm
BEVM
Backed Off EVM
54 Mbps, OFDM signal,
64 QAM, P = 7 dBm
-
1.5
-
%
P1dB
P1DB
-
-
22
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com