Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10321 Datasheet HTML 1Page - National Semiconductor (TI) ADC10321 Datasheet HTML 2Page - National Semiconductor (TI) ADC10321 Datasheet HTML 3Page - National Semiconductor (TI) ADC10321 Datasheet HTML 4Page - National Semiconductor (TI) ADC10321 Datasheet HTML 5Page - National Semiconductor (TI) ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions and Equivalent Circuits
Pin
No.
Symbol
Equivalent Circuit
Description
Analog I/O
30
V
IN
Analog Input signal to be converted. Conversion
range is V
REF+ StoVREF− S.
31
V
REF+ F
Analog input that goes to the high side of the
reference ladder of the ADC. This voltage should
force V
REF+ S to be in the range of 2.3V to 4.0V.
32
V
REF+ S
Analog output used to sense the voltage at the top
of the ADC reference ladder.
2V
REF− F
Analog input that goes to the low side of the
reference ladder of the ADC. This voltage should
force V
REF− S to be in the range of 1.3V to 3.0V.
1V
REF− S
Analog output used to sense the voltage at the
bottom of the ADC reference ladder.
9
CLK
Converter digital clock input. V
IN is sampled on the
falling edge of CLK input.
8PD
Power Down input. When this pin is high, the
converter is in the Power Down mode and the data
output pins are in a high impedance state.
26
OE
Output Enable pin. When this pin and the PD pin
are low, the output data pins are active. When this
pin or the PD pin is high, the output data pins are in
a high impedance state.
14
thru
19
and
22
thru
25
D0 -D9
Digital Output pins providing the 10 bit conversion
results. D0 is the LSB, D9 is the MSB. Valid data is
present just after the falling edge of the CLK input.
3, 7,
28
V
A
Positive analog supply pins. These pins should be
connected to a clean, quiet voltage source of +5V.
V
A and VD should have a common supply and be
separately bypassed with 10µF to 50µF capacitors
in parallel with 0.1µF capacitors.
5, 10
V
D
Positive digital supply pins. These pins should be
connected to a clean, quiet voltage source of +5V.
V
A and VD should have a common supply and be
separately bypassed with 10µF to 50µF capacitors
in parallel with 0.1µF capacitors.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com