Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 2Page - National Semiconductor (TI) ADC10321 Datasheet HTML 3Page - National Semiconductor (TI) ADC10321 Datasheet HTML 4Page - National Semiconductor (TI) ADC10321 Datasheet HTML 5Page - National Semiconductor (TI) ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A = +5.0VDC,VD = 5.0VDC,VD I/O = 5.0VDC,VREF+ = +3.5VDC,VREF− = +1.5VDC,
C
L = 20pF, fCLK = 20MHz, RS = 25Ω. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25˚C(Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
Reference and Analog Input Characteristics
R
REF
Reference Ladder
Resistance
1000
850
1150
Ω(min)
Ω(max)
V
REF+
Positive Reference Voltage
3.5
4.0
V(max)
V
REF−
Negative Reference
Voltage
1.5
1.3
V(min)
(V
REF+) −
(V
REF −)
Total Reference Voltage
2.0
1.0
2.7
V(min)
V(max)
DC and Logic Electrical Characteristics
The following specifications apply for V
A = +5.0VDC,VD = +5.0VDC,VD I/O = 5.0VDC,VREF+ = +3.5VDC,VREF− = +1.5VDC,
C
L = 20 pF, fCLK = 20MHz, RS = 25Ω. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25˚C(Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
CLK, OE, PD, Digital Input Characteristics
V
IH
Logical
″1″ Input Voltage
V
D = 5.5V
2.0
V(min)
V
IL
Logical
″0″ Input Voltage
V
D = 4.5V
1.0
V(max)
I
IH
Logical
″1″ Input Current
V
IH = VD
10
µA
I
IL
Logical
″0″ Input Current
V
IL = DGND
−10
µA
D00 - D13 Digital Output Characteristics
V
OH
Logical
″1″ Output
Voltage
V
D I/O = + 4.5V, IOUT = −0.5mA
V
D I/O = + 2.7V, IOUT = −0.5mA
4.0
2.4
V(min)
V(min)
V
OL
Logical
″0″ Output
Voltage
V
D I/O = + 4.5V, IOUT = −1.6mA
V
D I/O = + 2.7V, IOUT = −1.6mA
0.4
0.4
V(max)
V(max)
I
OZ
TRI-STATE Output
Current
V
OUT = DGND
V
OUT = VD
−10
10
µA
µA
I
OS
Output Short Circuit
Current
V
D I/O = 3V
±12
mA
V
D I/O = 5V
±25
mA
Power Supply Characteristics
I
A
Analog Supply Current
PD = LOW, Ref not included
PD = HIGH, Ref not included
14.5
0.5
16
mA(max)
I
D +
I
DI/O
Digital Supply Current
PD = LOW, Ref not included
PD = HIGH, Ref not included
5
0.2
6
mA(max)
P
D
Power Consumption
98
110
mW (max)
AC Electrical Characteristics
The following specifications apply for V
A = +5.0VDC,VD I/O = 5.0VDC,VREF+ = +3.5VDC,VREF− = +1.5VDC,fCLK = 20MHz,
t
rc = tfc = 5ns, RS = 25Ω.CL (data bus loading) = 20 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA =
25˚C(Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
25
20
MHz(min)
f
CLK2
Minimum Clock Frequency
1
MHz(max)
t
CH
Clock High Time
23
ns(min
t
CL
Clock Low Time
23
ns(min)
Duty Cycle
50
45
55
%(min)
%(max)
Pipeliine Delay (Latency)
2.0
Clock Cycles
t
rc,tfc
Clock Input Rise and Fall Time
5
ns(max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com