Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) ADC10321 Datasheet HTML 15Page - National Semiconductor (TI) ADC10321 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Applications Information (Continued)
The V
REF+ F and VREF− F pins should each be bypassed to
AGND with 10µF tantalum or electrolytic and 0.1µF ceramic
capacitors. The circuit of
Figure 6 may be used if it is desired
to obtain precise reference voltages. The LMC6082 in this
circuit was chosen for its low offset voltage, low voltage
rail-to-rail capability and low cost.
Since the current flowing through the sense lines (those lines
associated with V
REF+ S and VREF− S) is essentially zero,
there is negligible voltage drop across any resistance in se-
ries with these sense pins and the voltage at the inverting in-
put of the op-amp accurately represents the voltage at the
top (or bottom) of the ladder. The op-amp drives the force in-
put, forcing the voltage at the ends of the ladder to equal the
voltage at the op-amp’s non-inverting input, plus any offset
voltage. For this reason, op-amps with low V
OS, such as the
LMC6081 and LMC6082, should be used for this application.
Voltages at the reference sense pins (V
REF+ S and VREF−S)
should be within the range specified in the Operating Ratings
table (2.3V to 4.0V for V
REF+ and 1.3V to 3.0V for VREF−).
Any device used to drive the reference pins should be able to
source sufficient current into the V
REF+ F pin and sink suffi-
cient current from the V
REF− F pin when the ladder is at its
minimum value of 850 Ohms.
The reference voltage at the top of the ladder (V
REF+) may
take on values as low as 1.0V above the voltage at the bot-
tom of the ladder (V
REF−) and as high as (VA - 1.0V) Volts.
The voltage at the bottom of the ladder (V
REF−) may take on
values as low as 1.3 Volts and as high as 3.0V. However, to
minimize noise effects and ensure accurate conversions, the
total reference voltage range (V
REF+-VREF−) should be a
minimum of 2.0V and a maximum of 2.7V.
DS100897-19
FIGURE 5. Better low component count reference biasing
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com