Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10321 Datasheet HTML 1Page - National Semiconductor (TI) ADC10321 Datasheet HTML 2Page - National Semiconductor (TI) ADC10321 Datasheet HTML 3Page - National Semiconductor (TI) ADC10321 Datasheet HTML 4Page - National Semiconductor (TI) ADC10321 Datasheet HTML 5Page - National Semiconductor (TI) ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC10321
10-Bit, 20MSPS, 98mW A/D Converter with Internal
Sample and Hold
General Description
The ADC10321 is a low power, high performance CMOS
analog-to-digital converter that digitizes signals to 10 bits
resolution at sampling rates up to 25Msps while consuming
a typical 98mW from a single 5V supply. Reference force
and sense pins allow the user to connect an external refer-
ence buffer amplifier to ensure optimal accuracy. No missing
codes is guaranteed over the full operating temperature
range. The unique two stage architecture achieves 9.2 Effec-
tive Bits with a 10MHz input signal and a 20MHz clock fre-
quency. Output formatting is straight binary coding.
To ease interfacing to 3V systems, the digital I/O power pins
of the ADC10321 can be tied to a 3V power source, making
the outputs 3V compatible. When not converting, power con-
sumption can be reduced by pulling the PD (Power Down)
pin high, placing the converter into a low power standby
state, where it typically consumes less than 4mW. The
ADC10321’s speed, resolution and single supply operation
makes it well suited for a variety of applications in video, im-
aging, communications, multimedia and high speed data ac-
quisition. Low power, single supply operation ideally suit the
ADC10321 for high speed portable applications, and its
speed and resolution are ideal for charge coupled device
(CCD) input systems.
The ADC10321 comes in a space saving 32-pin TQFP and
operates over the industrial (−40˚C
≤ T
A ≤ +85˚C) tempera-
ture range.
Features
n
Internal Sample-and-Hold
n
Single +5V Operation
n
Low Power Standby Mode
n
Guaranteed No Missing Codes
n
Tri-State Outputs
n
TTL/CMOS or 3V Logic Input/Output Compatible
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
20 Msps
n
ENOB 10MHz Input
9.2 Bits (typ)
n
DNL
0.35 LSB (typ)
n
Conversion Latency
2 Clock Cycles
n
PSRR
56dB
n
Power Consumption
98mW (typ)
n
Low Power Standby Mode
<4mW (typ)
Applications
n
Digital Video
n
Communications
n
Document Scanners
n
Medical Imaging
n
Electro-Optics
n
Plain Paper Copiers
n
CCD Imaging
Connection Diagram
DS100897-1
January 2000
© 2000 National Semiconductor Corporation
DS100897
www.national.com


Similar Part No. - ADC10321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI2-ADC10321 Datasheet
1Mb / 28P
ADC10321 10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
REVISED MAY 2013
ADC10321CIVT TI1-ADC10321CIVT Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321CIVT TI1-ADC10321CIVT Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results

Similar Description - ADC10321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com