Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10321 Datasheet HTML 1Page - National Semiconductor (TI) ADC10321 Datasheet HTML 2Page - National Semiconductor (TI) ADC10321 Datasheet HTML 3Page - National Semiconductor (TI) ADC10321 Datasheet HTML 4Page - National Semiconductor (TI) ADC10321 Datasheet HTML 5Page - National Semiconductor (TI) ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
Analog I/O
12, 21
V
D I/O
Positive supply pins for the digital output drivers.
These pins should be connected to a clean, quiet
voltage source of +3V to +5V and be separately
bypassed with 10µF capacitors.
4, 27,
29
AGND
The ground return for the analog supply. AGND and
DGND should be connected together close to the
ADC10321 package.
6, 11
DGND
The ground return for the digital supply. AGND and
DGND should be connected together close to the
ADC10321 pacjage.
13, 20
DGND I/O
The ground return of the digital output drivers.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com