Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) ADC10321 Datasheet HTML 15Page - National Semiconductor (TI) ADC10321 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
3.0 POWER SUPPLY CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt
their own power supplies if not adequately bypassed. A 10µF
to 50µF tantalum or aluminum electrolytic capacitor should
be placed within an inch (2.5 centimeters) of the A/D power
pins, with a 0.1µF ceramic chip capacitor placed as close as
possible to each of the converter’s power supply pins. Lead-
less chip capacitors are preferred because they have low
lead inductance.
While a single voltage source should be used for the analog
and digital supplies of the ADC10321, these supply pins
should be well isolated from each other to prevent any digital
noise from being coupled to the analog power pins. A choke
or ferrite bead is recommended between the analog and
digital supply lines, with a ceramic capacitor close to the
analog supply pin.
The converter digital supply should not be the supply that is
used for other digital circuitry on the board. It should be the
same supply used for the ADC10321 analog supply.
As is the case with all high speed converters, the ADC10321
should be assumed to have little high frequency power sup-
ply rejection. A clean analog power source should be used.
No pin should ever have a voltage on it that is in excess of
the supply voltages or below ground, not even on a transient
basis. This can be a problem upon application of power to a
circuit. Be sure that the supplies to circuits driving the CLK,
PD, OE, analog input and reference pins do not come up any
faster than does the voltage at the ADC10321 power pins.
4.0 THE ADC10321 CLOCK
Although the ADC10321 is tested and its performance is
guaranteed with a 20MHz clock, it typically will function with
clock frequencies from 1MHz to 25MHz. Performance is best
if the clock rise and fall times are 5ns or less and if the clock
line is terminated with a series RC of about 100 Ohms and
47pF near the clock input pin, as shown in
Figure 6.
5.0 LAYOUT AND GROUNDING
Proper routing of all signals and proper ground techniques
are essential to ensure accurate conversion. Separate ana-
log and digital ground planes are required to meet data sheet
limits. The analog ground plane should be low impedance
and free of noise form other parts of the system.
Each bypass capacitor should be located as close to the ap-
propriate converter pin as possible and connected to the pin
and the appropriate ground plane with short traces. The ana-
log input should be isolated from noisy signal traces to avoid
coupling of spurious signals into the input. Any external com-
DS100897-20
FIGURE 6. Setting precision reference voltages
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com