Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 3Page - National Semiconductor (TI) ADC10321 Datasheet HTML 4Page - National Semiconductor (TI) ADC10321 Datasheet HTML 5Page - National Semiconductor (TI) ADC10321 Datasheet HTML 6Page - National Semiconductor (TI) ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
A = +5.0VDC,VD I/O = 5.0VDC,VREF+ = +3.5VDC,VREF− = +1.5VDC,fCLK = 20MHz,
t
rc = tfc = 5ns, RS = 25Ω.CL (data bus loading) = 20 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA =
25˚C(Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
t
r,tf
Output Rise and Fall Times
10
ns
t
OD
Fall of CLK to data valid
20
25
ns(max)
t
OH
Output Data Hold Time
12
ns
t
DIS
Rising edge of OE to valid data
From output High,
2K to Ground
25
ns
From output Low,
2K to V
D I/O
18
ns
t
EN
Falling edge of OE to valid data
1K to V
CC
25
ns
t
VALID
Data valid time
40
ns
t
AJ
Aperture Jitter
<30
ps
Full Scale Step Response
t
r = 10ns
1
conversion
Overrange Recovery Time
V
IN step from
(V
REF+ +100mV) to
(V
REF−)
1
conversion
t
WU
PD low to 1/2 LSB accurate
conversion (Wake-Up time)
700
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies ( VIN < AGND or VIN > VA or VD), the current at that pin should be limited to 25mA. The 50mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax - TA)/θJA. In the 32-pin
TQFP,
θJA is 69˚C/W, so PDMAX = 1,811 mW at 25˚C and 942mW at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of this
device under normal operation will typically be about 110mW (98mW quiescent power + 2mW reference ladder power +10mW due to 10 TTL load on each digital out-
put). The values for maximum power dissipation listed above will be reached only when the ADC10321 is operated in a severe fault condition (e.g. when input or out-
put pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5k
Ω resistor. Machine model is 220 pF discharged through ZERO Ω.
Note 6: See AN450,
″Surface Mounting Methods and Their Effect on Product Reliability″, or the section entitled ″Surface Mount″ found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The inputs are protected as shown below. Input voltage magnitudes up to 500mV beyond the supply rails will not damage this device. However, errors in
the A/D conversion can occur if the input goes above VA or below AGND by more than 300 mV.
Note 8: Typical figures are at TA = TJ = 25˚C, and represent most likely parametric norms.
Note 9: Tested limits are guaranteed to Nationsl’s AOQL (Average Outgoing Quality Level).
Note 10: When the input signal is between VREF+ and (VA + 300mV), the output code will be 3FFh, or all 1s. When the input signal is between −300 mV and VREF−,
the output code will be 000h, or all 0s.
DS100897-11
DS100897-12
DS100897-24
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com