Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 7Page - National Semiconductor (TI) ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) ADC10321 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Applications Information
1.0 THE ANALOG INPUT
The analog input of the ADC10321 is a switch (transmission
gate) followed by a switched capacitor amplifier. The capaci-
tance seen at the input changes with the clock level, appear-
ing as about 3pF when the clock is low, and about 5pF when
the clock is high. This small change in capacitance can be
reasonably assumed to be a fixed capacitance. Care should
be taken to avoid driving the input beyond the supply rails,
even momentarily, as during power-up.
The CLC409 has been found to be a good device to drive the
ADC10321 because of its low voltage capability, wide band-
width, low distortion and minimal Differential Gain and Differ-
ential Phase. The CLC409 performs best with a feedback re-
sistor of about 100 ohms.
Care should be taken to keep digital noise out of the analog
input circuitry to maintain highest noise performance.
2.0 REFERENCE INPUTS
Note: Throughout this data sheet reference is made to
V
REF+ and to VREF−. These refer to the internal voltage
across the reference ladder and are, nominally, V
REF+ S and
V
REF− S, respectively.
Figure 4 shows a simple reference biasing scheme with
minimal components. While this circuit might suffice for
some applications, it does suffer from thermal drift because
the external 750
Ω resistor at pins 1 and 2 will have a differ-
ent temperature coefficient than the on-chip resistors. Also,
the on-chip resistors, while well matched to each other, will
have a large tolerance compared with any external resistors,
causing the value of V
REF- to be quite variable.
The circuit of
Figure 5 is an improvement over the circuit of
Figure 4 in that both ends of the reference ladder are defined
with reference voltages. This reduces problems of high refer-
ence variability and thermal drift, but requires two reference
sources.
In addition to the usual V
REF+ and VREF− reference inputs,
the ADC10321 has two sense outputs for precision control of
the ladder voltages. These sense outputs (V
REF+ S and
V
REF− S) compensate for errors due to IR drops between the
source of the reference voltages and the ends of the refer-
ence ladder itself.
With the addition of two op-amps, the voltages at the top and
bottom of the reference ladder can be forced to the exact
value desired, as shown in
Figure 6.
DS100897-18
FIGURE 4. Simple, low component cournt reference biasing
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com