Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) ADC10321 Datasheet HTML 15Page - National Semiconductor (TI) ADC10321 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Applications Information (Continued)
6.0 DYNAMIC PERFORMANCE
The ADC10321 is ac tested and its dynamic performance is
guaranteed. To meet the published specifications, the clock
source driving the CLK input must be free of jitter. For best
ac performance, isolating the ADC clock from any digital cir-
cuitry should be done with adequate buffers, as with a clock
tree. See
Figure 8
Meeting dynamic specifications is also dependent upon
keeping digital noise out of the input, as mentioned in Sec-
tions 1.0 and 5.0.
7.0 COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power
supply rails. For proper operation, all inputs should not go
more than 300mV beyond the supply pins. Exceeding these
limits on even a transient basis can cause faulty or erratic
operation. It is not uncommon for high speed digital circuits
(e.g., 74F and 74AC devices) to exhibit undershoot that goes
more than a volt below ground. A resistor of 50 to 100
Ω in
series with the offending digital input will usually eliminate
the problem.
Care should be taken not to overdrive the inputs of the
ADC10321 (or any device) with a device that is powered
from supplies outside the range of the ADC10321 supply.
Such practice may lead to conversion inaccuracies and even
to device damage.
Attempting to drive a high capacitance digital data bus.
The more capacitance the output drivers has to charge for
each conversion, the more instantaneous digital current is
required from V
D and DGND. These large charging current
spikes can couple into the analog section, degrading dy-
namic performance. Adequate bypassing and maintaining
separate analog and digital ground planes will reduce this
problem on the board. Buffering the digital data outputs (with
an 74F541, for example) may be necessary if the data bus to
be driven is heavily loaded. Dynamic performance can also
be improved by adding series resistors of 47
Ω at each digital
output.
Driving the V
REF+ F pin or the VREF− F pin with devices
that can not source or sink the current required by the
ladder. As mentioned in section 2.0, be careful to see that
any driving devices can source sufficient current into the
V
REF+ F pin and sink sufficient current from the VREF− F pin.
If these pins are not driven with devices than can handle the
required current, they will not be held stable and the con-
verter output will exhibit excessive noise.
Using a clock source with excessive jitter. This will cause
the sampling interval to vary, causing excessive output noise
and a reduction in SNR performance. Simple gates with RC
timing is generally inadequate.
Using the same voltage source for V
D and other digital
logic. As mentioned in Section 3.0, V
D should use the same
power source used by V
A, but should be decoupled from VA.
DS100897-22
FIGURE 8. Isolating the ADC clock from digital
circuitry
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com