Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 4 Page - Analog Devices

  HMC7992 Datasheet HTML 1Page - Analog Devices HMC7992 Datasheet HTML 2Page - Analog Devices HMC7992 Datasheet HTML 3Page - Analog Devices HMC7992 Datasheet HTML 4Page - Analog Devices HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HMC7992
Data Sheet
Rev. 0 | Page 4 of 13
DIGITAL CONTROL VOLTAGES
TCASE = −40°C to +105°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CONTROL VOLTAGE
<1 µA typical
Low Voltage
VIL
0
8.5
V
VDD = 3.3 V (±5% VDD)
0
1.2
V
VDD = 5 V (±5% VDD)
High Voltage
VIH
1.15
3.3
V
VDD = 3.3 V (±5% VDD)
1.55
5.0
V
VDD = 5 V (±5% VDD)
BIAS AND SUPPLY CURRENT
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
SUPPLY CURRENT
IDD
VDD = 3.3 V
0.16
0.20
mA
VDD = 5 V
0.18
0.23
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com