Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices HMC7992 Datasheet HTML 12Page - Analog Devices HMC7992 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HMC7992
Data Sheet
Rev. 0 | Page 12 of 13
APPLICATIONS INFORMATION
Generate the evaluation PCB with proper RF circuit design
techniques. Signal lines at the RF port must have a 50 Ω
impedance, and the package ground leads and backside ground
slug must connect directly to the ground plane, as shown in
Figure 23. The evaluation board shown in Figure 23 is available
from Analog Devices, Inc., upon request.
Table 8. Bill of Materials for the EV1HMC7992LP3D1
Evaluation Board
Reference Designator
Description
J1 to J5
PCB mount SMA connectors
C1 to C5
100 pF capacitors, 0402 package
C8 to C10
100 pF capacitors, 0402 package
C13
0.1 μF capacitor, 0402 package
R1 to R2
0 Ω resistors, 0402 package
U1
HMC7992LP3DE SP4T switch
PCB2
600-01284-00 evaluation PCB
1 Reference this evaluation board number when ordering the complete
evaluation board.
2 Circuit board material: Roger 4350 or Arlon 25FR.
Figure 23. EV1HMC7992LP3D Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com