Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 1 Page - Analog Devices

  HMC7992 Datasheet HTML 1Page - Analog Devices HMC7992 Datasheet HTML 2Page - Analog Devices HMC7992 Datasheet HTML 3Page - Analog Devices HMC7992 Datasheet HTML 4Page - Analog Devices HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Nonreflective, Silicon SP4T Switch,
0.1 GHz to 6.0 GHz
Data Sheet
HMC7992
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Nonreflective, 50 Ω design
High isolation: 45 dB typical at 2 GHz
Low insertion loss: 0.6 dB at 2 GHz
High power handling
33 dBm through path
27 dBm terminated path
High linearity
1 dB compression (P1dB): 35 dBm typical
Input third-order intercept (IIP3): 58 dBm typical
ESD rating: 2 kV human body model (HBM), Class 2
Single positive supply: 3.3 V to 5.0 V
Standard TTL-, CMOS-, and 1.8 V-compatible control
16-lead, 3 mm × 3 mm LFCSP package (9 mm2)
Pin compatible with the HMC241ALP3E
APPLICATIONS
Cellular/4G infrastructure
Wireless infrastructure
Automotive telematics
Mobile radios
Test equipment
FUNCTIONAL BLOCK DIAGRAM
GND
RFC
GND
GND
GND
VDD
BA
RF1
GND
GND
RF2
RF4
GND
GND
RF3
16
15
14
13
11
10
2
3
5678
2:4 TTL DECODER
PACKAGE
BASE
GND
12
9
1
4
HMC7992
Figure 1.
GENERAL DESCRIPTION
The HMC7992 is a general-purpose, nonreflective, 0.1 GHz to
6.0 GHz, silicon, single-pole, four-throw (SP4T) switch in a
leadless, surface-mount package. The switch is ideal for cellular
infrastructure applications, offers high isolation of 45 dB typical
at 2 GHz, and a low insertion loss of 0.6 dB at 2 GHz. It offers
excellent power handling capability up to 6.0 GHz, with input
power of 1 dB compression point (P1dB) of 35 dBm at 5 V
operation. The HMC7992 has good low frequency input power
handling below 0.1 GHz and can operate well down to 10 kHz,
with a typical 1 dB compression of 21 dBm (see Figure 21) and
an IIP3 of 37 dBm (see Figure 22) at 1 MHz.
The on-chip circuitry allows the HMC7992 to operate at a single,
positive supply voltage range from 3.3 V to 5 V, and as well as a
single, positive control voltage from 0 V to 1.8 V/3.3 V/5.0 V. A
2:4 decoder integrated in the switch requires only two controlled
input signals, with a positive control voltage range from 0 V to
1.8 V/3.3 V/5.0 V, to select one of the four radio frequency (RF)
paths.


Similar Part No. - HMC7992

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E Datasheet
464Kb / 8P
DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E Datasheet
429Kb / 8P
DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E Datasheet
849Kb / 8P
DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC799LP3E AD-HMC799LP3E Datasheet
742Kb / 8P
DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
v01.1009
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - HMC7992

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
0.1-6.0 GHz GaAs SP4T Switch
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com