Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices HMC7992 Datasheet HTML 12Page - Analog Devices HMC7992 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 11 of 13
THEORY OF OPERATION
The HMC7992 requires a single positive supply voltage applied
to the VDD pin. A bypassing capacitor is recommended on the
supply line to minimize RF coupling.
The HMC7992 integrates with an internal 2:4 decoder; the four
RF paths are selected via the two digital control voltages applied
to the A and B control inputs. A small value bypassing capacitor
is recommended on these digital signal lines to improve the RF
signal isolation.
The HMC7992 is internally matched to 50 Ω at the RF common
port (RFC) and the RF ports (RF1, RF2, RF3, and RF4); therefore,
no external matching components are required. The RF pins are
dc-coupled and dc blocking capacitors are required on the RF
paths. The design is bidirectional; the RF input signals can apply
at the RFC port or the RF1 to RF4 ports. The inputs and outputs
are interchangeable.
Depending on the logic level applied to the control input pins,
A and B, one RF output port (for example, RF1) is set to on
mode, by which an insertion loss path is provided from the
input to the output. The other RF output ports (for example,
RF2, RF3, and RF4) are then set to off mode, by which the
outputs are isolated from the input. When the RF output ports
(RF1, RF2, RF3, and RF4) are in isolation mode, they are
internally terminated to 50 Ω, and thereby can absorb the
applied RF signal.
The ideal power-up sequence is as follows:
1. Power up GND.
2. Power up VDD.
3. Power up the digital control inputs. The relative order of
the logic control inputs is not important. Powering the
logic control inputs before the VDD supply can inadvertently
forward bias and damage the internal ESD protection
structures.
4. Apply the RF input.
Table 7. Switch Mode Operation
Digital Control Inputs
Signal Mode
A
B
RFC to RFx
Low
Low
RF Port 1 is in on mode, providing a low insertion loss path from the RFC port to the RF1 port. The remaining RF
ports (RF2, RF3, and RF4) are in off mode; they are isolated from the RFC port and internally terminated to a 50 Ω load.
High
Low
RF Port 2 is in on mode, providing a low insertion loss path from the RFC port to the RF2 port. The remaining RF
ports (RF1, RF3, and RF4) are in off mode; they are isolated from the RFC port and internally terminated to a 50 Ω load.
Low
High
RF Port 3 is in on mode, providing a low insertion loss path from the RFC port to the RF3 port. The remaining RF
ports (RF1, RF2, and RF4) are in off mode; they are isolated from the RFC port and internally terminated to a 50 Ω load.
High
High
RF Port 4 is in on mode, providing a low insertion loss path from the RFC port to the RF4 port. The remaining RF
ports (RF1, RF2, and RF3) are in off mode; they are isolated from the RFC port and internally terminated to a 50 Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com