Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices HMC7992 Datasheet HTML 12Page - Analog Devices HMC7992 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 13 of 13
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.92
1.70 SQ
1.48
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
*0.35
0.30
0.25
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.95
0.85
0.75
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
*COMPLIANT WITH JEDEC STANDARDS MO-220-VEED-4
WITH THE EXCEPTION OF PACKAGE EDGE TO LEAD EDGE.
Figure 24. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.85 mm Package Height
(CP-16-38)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package
Option
Branding3
HMC7992LP3DE
–40°C to +105°C
MSL3
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-38
XXXX
7992
HMC7992LP3DETR
–40°C to +105°C
MSL3
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-38
XXXX
7992
EV1HMC7992LP3D
Evaluation Board
1 The HMC7992LP3DE and HMC7992LP3DETR are RoHS Compliant Parts.
2 See the Absolute Maximum Ratings section for MSL rating information.
3 4-digit lot number XXXX.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13714-0-1/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com