Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices HMC7992 Datasheet HTML 12Page - Analog Devices HMC7992 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 9 of 13
INPUT COMPRESSION AND INPUT THIRD-ORDER INTERCEPT (0.1 GHz TO 6.0 GHz)
26
28
30
32
34
36
38
40
0
1234
56
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 15. Input Compression 1 dB Point vs.
Frequency for Various Temperatures, VDD = 5 V
26
28
30
32
34
36
38
40
0
1234
56
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 16. Input Compression 0.1 dB Point vs.
Frequency for Various Temperatures, VDD = 5 V
45
50
55
60
65
012
3456
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 17. Input Third-Order Intercept (IIP3) Point vs.
Frequency for Various Temperatures, VDD = 5 V
26
28
30
32
34
36
38
40
012
345
6
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 18. Input Compression 1 dB Point vs.
Frequency for Various Temperatures, VDD = 3.3 V
26
28
30
32
34
36
38
40
0
1234
56
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 19. Input Compression 0.1 dB Point vs.
Frequency for Various Temperatures, VDD = 3.3 V
45
50
55
60
65
0
1234
56
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 20. Input Third-Order Intercept (IIP3) Point vs.
Frequency for Various Temperatures, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com