Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices HMC7992 Datasheet HTML 12Page - Analog Devices HMC7992 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HMC7992
Data Sheet
Rev. 0 | Page 10 of 13
INPUT COMPRESSION AND INPUT THIRD-ORDER INTERCEPT (10 kHz TO 1 GHz)
FREQUENCY IN LOG SCALE (MHz)
0.01
0.1
1
10
10
100
40
35
30
25
20
15
10
P1dB
P0.1dB
Figure 21. Input Compression (P1dB and P0.1dB Points) vs. Frequency in
Log Scale, VDD = 5 V at 25°C
0.01
0.1
1
10
FREQUENCY IN LOG SCALE (MHz)
10
100
65
60
55
50
45
40
35
30
25
Figure 22. Input Third-Order Intercept (IIP3) vs. Frequency in Log Scale,
VDD = 5 V at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com