Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC7992 Datasheet HTML 3Page - Analog Devices HMC7992 Datasheet HTML 4Page - Analog Devices HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices HMC7992 Datasheet HTML 10Page - Analog Devices HMC7992 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, ISOLATION, AND RETURN LOSS
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
1
2
3
4
FREQUENCY (GHz)
5
6
7
8
+105°C
+85°C
+25°C
–40°C
Figure 7. Insertion Loss vs. Frequency for Various Temperatures, VDD = 5 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
RFC TO RF2
RFC TO RF3
RFC TO RF4
Figure 8. Isolation vs. Frequency, VDD = 3.3 V to 5 V, RFC to RF1 = On
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF4
Figure 9. Isolation vs. Frequency, VDD = 3.3 V to 5 V, RFC to RF3 = On
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 10. Insertion Loss vs. Frequency for Various Temperatures,
VDD = 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF3
RFC TO RF4
Figure 11. Isolation vs. Frequency, VDD = 3.3 V to 5 V, RFC to RF2 = On
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF3
Figure 12. Isolation vs. Frequency, VDD = 3.3 V to 5 V, RFC to RF4 = On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com