Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7992 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 5 Page - Analog Devices

  HMC7992 Datasheet HTML 1Page - Analog Devices HMC7992 Datasheet HTML 2Page - Analog Devices HMC7992 Datasheet HTML 3Page - Analog Devices HMC7992 Datasheet HTML 4Page - Analog Devices HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 5 of 13
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Bias Voltage Range (VDD)
−0.3 V to +5.5 V
Control Voltage Range (A, B)
−0.5 V to VDD + (+0.5 V)
RF Input Power,1 3.3 V to 5 V (see
Figure 2 and Figure 3)
Through Path
34 dBm
Terminated Path
28 dBm
Hot Switching
30 dBm
Channel Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Maximum Peak Reflow Temperature
(MSL3)
260°C
Thermal Resistance (Channel to
Package Bottom)
Through Path
115°C
Terminated Path
200°C
ESD Sensitivity
Human Body Model (HBM)
2 kV (Class 2)
Charged Device Model (CDM)
1.25 kV
1
For recommended operating conditions, see Table 1.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
36
34
32
30
28
26
24
0.1
1
FREQUENCY (GHz)
10
THROUGH AMR
TERMINATED AMR
Figure 2. Maximum RF Input Power vs. Frequency
35
29
31
33
27
25
23
21
19
0.1
1
FREQUENCY (GHz)
10
THROUGH (AT 85°C)
THROUGH (AT 105°C)
TERMINATED (AT 85°C)
TERMINATED (AT 105°C)
Figure 3. Power Derating vs. Frequency
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com