Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics STV6412A Datasheet HTML 10Page - STMicroelectronics STV6412A Datasheet HTML 11Page - STMicroelectronics STV6412A Datasheet HTML 12Page - STMicroelectronics STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics STV6412A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STV6412A
11/24
Table 8. Fast Blanking Section
Table 9. C_Gate Function Output
Table 10. Interrupt Output (Refer to Note 2)
Table 11. Address Selection Input
Note 2: The interrupt is forced to a low level when a change is detected on slow blanking inputs. It can be used in Standby mode to wake up
the microprocessor. It is released when the I2C bus register is read.
IIN
Input Current
50
100
µA
OUTPUT MODE
SLBlow
Output Low Level (int. TV)
0
0.02
1.5
V
SLBmed
Output Medium Level (ext. 16/9)
5
5.75
6.5
V
SLBhigh
Output High Level (ext. 4/3)
10
11
12
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
INPUT MODE
FBlow/high
Input Low/High Level Threshold
0.4
0.7
0.9
V
IIN
Input Current
210
µA
OUTPUT MODE
FBLOW
Output Low Level
RLOAD = 150 Ω
0.5
V
FBHIGH
Output High Level
3.0
3.4
3.8
V
FBDEL
Fast Blanking RGB delay
At 50% on digital RGB transients,
at 2 V on FB rise transient, at 1 V
on FB fall, CLOAD = 10pF maximum
15
ns
FBTRANS
FB Transitions at FB output
Rise Time
Fall Time
CLOAD = 10 pF maximum
between 10% and 90%
between 90% and 10%
10
10
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
C_GATE-H Pull-up Resistor Value to VCCB1
20
k
Ω
C_GATE-L
Output Low Level
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
IT-Leak
High Level Leakage
External pull-up to 5 V
10
µA
IT-Low
Output Low Level (Active)
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
ADDsel_L
Address Selection Low Level
0
0.2
V
ADDsel_H
Address Selection High Level
2.5
VDD
V
ILEAK
Leakage Current
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com