Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 11Page - STMicroelectronics STV6412A Datasheet HTML 12Page - STMicroelectronics STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics STV6412A Datasheet HTML 15Page - STMicroelectronics STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics STV6412A Datasheet HTML 18Page - STMicroelectronics STV6412A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
STV6412A
15/24
Table 16. TV & VCR Video Selection
Table 17. RGB & Fast Blanking Outputs
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
02
TV Video Output Selection
3X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Y/CVBS muted & Chroma muted
Y/CVBS_ENC & R/C_ENC
Y_ENC & C_ENC
Y/CVBS_VCR & R/C_VCR
CVBS_AUX & Chroma muted
Not allowed
Not allowed
Not allowed
TV Chroma Output Control
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Chroma defined by d2d1d0
Chroma force to mute
VCR Video Output Selection
3X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Y/CVBS muted & Chroma muted
Y/CVBS_ENC & R/C_ENC
Y_ENC & C_ENC
CVBS_TV & Chroma muted
CVBS_AUX & Chroma muted
Not allowed
Not allowed
Not allowed
VCR Chroma Output Control
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Chroma defined by d6d5d4
Chroma force to mute
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
03
Fast Blanking Control
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
FB forced to low level
FB forced to high level
FB from Encoder
FB from VCR
RGB Selection
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
Muted
RGB_ENC selected
RGB_VCR selected
Not allowed
RGB Gain
2
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
+6 dB gain
+5 dB gain
+4 dB gain
+3 dB gain
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
+0 dB extra gain
+3 dB for weak input signals
RGB and Fast Blanking
Control
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RGB and FB outputs high imped-
ance state
RGB and FB outputs active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com