Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 10Page - STMicroelectronics STV6412A Datasheet HTML 11Page - STMicroelectronics STV6412A Datasheet HTML 12Page - STMicroelectronics STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics STV6412A Datasheet HTML 15Page - STMicroelectronics STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics STV6412A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
STV6412A
14/24
Table 14. TV Audio Output
Table 15. Audio Selection & VCR Audio Output
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00
Soft Volume Change
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Active
Disabled
Level Adjustment
5X
X
X
X
0
1
0
1
0
1
0
1
0
1
X
X
0dB
-62 dB (-2 dB/step)
6 dB Extra Gain
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0dB
+6 dB
TV Stereo or Mono Mode
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Stereo
1 = Mono
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
01
TV & CINCH Audio
Output Selection
3X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Muted
Encoder L/R selected
VCR L/R selected
AUX L/R selected
TV L/R selected
Not allowed
Not allowed
Not allowed
CINCH Audio Gain
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
0dB
Follow TV Gain
VCR Audio Output Selection
2X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Muted
Encoder L/R selected
TV L/R selected
AUX L/R selected
VCR Stereo or Mono Mode
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Stereo
1 = Mono



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com