Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 4 Page - STMicroelectronics

  STV6412A Datasheet HTML 1Page - STMicroelectronics STV6412A Datasheet HTML 2Page - STMicroelectronics STV6412A Datasheet HTML 3Page - STMicroelectronics STV6412A Datasheet HTML 4Page - STMicroelectronics STV6412A Datasheet HTML 5Page - STMicroelectronics STV6412A Datasheet HTML 6Page - STMicroelectronics STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
STV6412A
4/24
20
RIN_VCR
Audio Right, Input from VCR SCART
21
CVBSIN_TV
CVBS Input from TV SCART
22
LIN_TV
Audio Left, Input from TV SCART
23
RIN_TV
Audio Right, Input from TV SCART
24
VCCA
Audio Supply Voltage - or - Audio Supply Decoupling
25
GNDA
Audio Ground
26
NC
Not Connected
27
ROUT_CINCH
Audio Right Output to Cinch
28
LOUT_CINCH
Audio Left Output to Cinch
29
ROUT_VCR
Audio Right Output to VCR SCART
30
LOUT_VCR
Audio Left Output to VCR SCART
31
VCCAO
Audio Output Supply Voltage - or - Main Audio Supply Voltage
32
ROUT_TV
Audio Right Output to TV SCART
33
LOUT_TV
Audio Left Output to TV SCART
34
FILTER
Chroma Trap Filter
35
AOUT_RF
Audio (L+R) Output to RF Modulator
36
VOUT_RF
CVBS Video Output to RF Modulator
37
VCCB5
Video Output Buffer Supply Pin
38
BOUT_TV
Blue Output to TV SCART
39
VCCB4
Video Output Buffer Supply Pin
40
GOUT_TV
Green Output to TV SCART
41
GNDB
Video Buffer Ground
42
R/COUT_TV
Red/Chroma Output to TV SCART
43
VCCB3
Video Output Buffer Supply Pin
44
Y/CVBSOUT_TV
Y/CVBS Output to TV SCART
45
VCCB2
Video Output Buffer Supply Pin
46
COUT_VCR
Chroma Output to VCR SCART
47
VCCB1
Video Output Buffer Supply Pin
48
Y/CVBSOUT_VCR
Y/CVBS Output to VCR SCART
49
FBOUT_TV
Fast Blanking Output to TV SCART
50
FBIN_VCR
Fast Blanking Input from VCR SCART
51
FBIN_ENC
Fast Blanking Input from Encoder
52
C_GATE
External MOS Command for C_VCR bidirectional mode
53
VDD
+5 V I2C Supply
54
ADD
I2C Address Selection
55
SCL
I2C Bus Clock
56
SDA
I2C Bus Data
57
GND
Ground Digital
58
IT_OUT
Interrupt Output
59
SLB_TV
Slow Blanking Input/Output from TV SCART
60
R/CIN_VCR
Red Input (or C Input) from VCR SCART
61
SLB_VCR
Slow Blanking Input/Output from VCR SCART
62
GIN_VCR
Green Input from VCR SCART
63
VCC12
+12 V Supply
64
BIN_VCR
Blue Input from VCR SCART
Pin No.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com