Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 15Page - STMicroelectronics STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics STV6412A Datasheet HTML 18Page - STMicroelectronics STV6412A Datasheet HTML 19Page - STMicroelectronics STV6412A Datasheet HTML 20Page - STMicroelectronics STV6412A Datasheet HTML 21Page - STMicroelectronics STV6412A Datasheet HTML 22Page - STMicroelectronics STV6412A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
STV6412A
19/24
4 INPUT/OUTPUT GROUPS
Figure 7. Bottom Clamped Video Inputs
(Pins 2, 4, 6, 12, 14, 18, 21, 62, 64)
Figure 8. R/C Clamped Video Inputs (Pins 10,
60)
Figure 9. Fast Blanking Inputs (Pins 50, 51)
Figure 10. Average Clamped Video Inputs
(Pin8)
Figure 11. Cgate Logical Output (Pin 52)
Figure 12. Fast Blanking Output (Pin 49)
VCC 5V
VCC 5V
2V + VD
Protected Pad
15 k
Ω
tri
R/C inputs may be configured either as a
bottom clamped input or as an average
clamped input. In either case, the simplified
input schematic is very close to one of the
graphics shown above.
VCCB1 5V
Protected Pad
tri
Protected Pad
VCC 5 V
IB
VCC 5 V
tri
25 k
Ω
25 k
Ω
3V
Protected Pad
VCCB1 5V
VDD 5V
18 k
Ω
50 ohms
Protected Pad
VCCB1 5V
VCCB1 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com