Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 9Page - STMicroelectronics STV6412A Datasheet HTML 10Page - STMicroelectronics STV6412A Datasheet HTML 11Page - STMicroelectronics STV6412A Datasheet HTML 12Page - STMicroelectronics STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics STV6412A Datasheet HTML 15Page - STMicroelectronics STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STV6412A
13/24
3 I2C BUS SELECTION
Data transfers follow the usual I2C format; i.e. after the start condition (S), a 7-bit slave address is sent, fol-
lowed by an eight-bit data direction bit (W). An 8-bit sub-address is sent to select a register, followed by
an 8-bit data word to be included in the register. The IC’s I2C bus decoder enables the automatic incre-
mentation mode in write mode.
String Format
Write only mode (S = Start condition, P = Stop condition, A = Acknowledge)
Read only mode
Slave Address
Auto Increment Mode
3.1 I2C Bus Addresses
Write Address: 1001 01X0, Read Address: 1001 01X1
Address Selection Pin Grounded: X = 0, write address = 94(hex), read address = 95(hex)
Address Selection Pin to Supply: X = 1, write address = 96(hex), read address = 97(hex)
Table 13. Input Signal Summary (Write Mode)
AUDIO
VIDEO
MISCELLANEOUS
STB-BY
Note 4: Unused data must be set to “0”.
S
SLAVE ADDRESS
0
A
SUB-ADDRESS
A
DATA
A
P
S
SLAVE ADDRESS
1
A
DATA
A
P
Address
A6
A5
A4
A3
A2
A1
A0
Value
10010
1
X
S
SLAVE AD-
DRESS
0
A
SUB-ADDRESS
A
DATA0
A
DATA1
A
....
DATAn
A
P
Sub-Address
Sub-Address +1
Sub-Address + N
Reg
Addr
(Hex)
Data
d7
d6
d5
d4
d3
d2
d1
d0
00
TV Stereo
Mono
TV 0/6 dB
TV Volume-62 dB to 0 dB - 2 dB steps
Soft Volume
Mode
01
VCR Stereo
Mono
Not Used
VCR Audio
Switch Control
CINCH
Audio Gain
TV/CINCH Audio Switch Control
02
VCR Chroma
muted
VCR Video and Chroma Switch Control
TV Chroma
muted
TV Video and Chroma Switch Control
03
RGB and FB
Tri-state
RGB Gain
RGB Switch Control
Fast Blanking
Mode/Input Selection
04
IT Enable
SLB Mode
Not Used
VCR-C
Output Control
VCR-C Gate
Control
RF Trap
Filter Control
RF Adder
Control
TV R or C
Output
Selection
05
VCR Slow Blanking
TV Slow Blanking
ENC Audio Input Gain
0/6/9 dB
VCR R/C
sub Clamp
ENC R/C
sub Clamp
06
RF
Outputs
TV
Outputs
CINCH
Outputs
VCR
Outputs
AUX
Inputs
TV
Inputs
VCR
Inputs
ENC
Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com