Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 3 Page - STMicroelectronics

  STV6412A Datasheet HTML 1Page - STMicroelectronics STV6412A Datasheet HTML 2Page - STMicroelectronics STV6412A Datasheet HTML 3Page - STMicroelectronics STV6412A Datasheet HTML 4Page - STMicroelectronics STV6412A Datasheet HTML 5Page - STMicroelectronics STV6412A Datasheet HTML 6Page - STMicroelectronics STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
STV6412A
3/24
1 GENERAL OVERVIEW
1.1 PIN CONNECTIONS
Figure 1. Pinout Diagram
Figure 2. Pin Description
Pin No.
Symbol
Description
1VCC
+5 V Supply
2
CVBSIN_AUX
CVBS Input from Auxiliary
3
DECV
Video Decoupling Capacitor
4
Y/CVBSIN_ENC
Y/CVBS Input from Encoder
5
GND
Ground
6
YIN_ENC
Y Input from Encoder
7
RIN_AUX
Audio Right Input from Auxiliary
8
CIN_ENC
Chroma Input from Encoder
9
LIN_AUX
Audio Left, Input from Auxiliary
10
R/CIN_ENC
Red/Chroma Input from Encoder
11
RIN_ENC
Audio Right, Input from Encoder
12
GIN_ENC
Green Input from Encoder
13
LIN_ENC
Audio Left, Input from Encoder
14
BIN_ENC
Blue Input from Encoder
15
NC
Not Connected
16
DECA
Audio Decoupling Capacitor
17
GND
Ground
18
Y/CVBSIN_VCR
Y/CVBS Input from VCR SCART
19
LIN_VCR
Audio Left, Input from VCR SCART
FBOUT_TV
FBIN_VCR
FBIN_ENC
C_GATE
VDD
ADD
SCL
SDA
GND
IT_OUT
SLB_TV
R/CIN_VCR
SLB_VCR
GIN_VCR
Vcc12
BIN_VCR
ROUT_TV
Vccao
LOUT_VCR
ROUT_VCR
LOUT_CINCH
ROUT_CINCH
NC
GNDA
VccA
RIN_TV
LIN_TV
CVBSIN_TV
RIN_VCR
LIN_VCR
Y/CVBSIN_VCR
GND
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com