Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 13Page - STMicroelectronics STV6412A Datasheet HTML 14Page - STMicroelectronics STV6412A Datasheet HTML 15Page - STMicroelectronics STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics STV6412A Datasheet HTML 18Page - STMicroelectronics STV6412A Datasheet HTML 19Page - STMicroelectronics STV6412A Datasheet HTML 20Page - STMicroelectronics STV6412A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STV6412A
17/24
Table 20. Standby Modes
Table 21. Output Signals (Read Mode)
Note 5: The Interrupt Flag will be cleared when this register is read. To prepare for a new interrupt, a “1” must be re-written in the IT Enable
bit (Reg. 04, d7).
3.2 Power-on Reset — Bus Register Initial Conditions
Power-on Reset is active when the supply V
DD is less than 3.5 volts.
Non-significant bits (X) are pre-set to “0”.
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
06
ENC Inputs
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Inputs active
Inputs disabled
VCR Inputs
1X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
Inputs active
Inputs disabled
TV Inputs
1X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Inputs active
Inputs disabled
AUX Inputs
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Inputs active
Inputs disabled
VCR Outputs
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
Audio & Video Outputs ON
Audio & Video Outputs OFF
CINCH Outputs
1X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
Audio & Video Outputs ON
Audio & Video Outputs OFF
TV Outputs
1X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
Audio & Video Outputs ON
Audio & Video Outputs OFF
RFmod Outputs
10
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Audio & Video Outputs ON
Audio & Video Outputs OFF
Full Stop
1
1
1
1
1
1
1
1
Only I2C bus and slow blanking
detection parts are supplied.
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
Slow Blanking TV SCART
2X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
Input <2 V
Input 16/9 format
Input 4/3 format
Slow Blanking VCR SCART
2X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
1
0
1
X
X
X
X
X
X
Input <2 V
Input 16/9 format
Input 4/3 format
Interrupt Flag
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
No change since read
One change has been detected
(refer to Note 5)
Reg.
Addr
(Hex)
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00
000
00000
Audio TV and Cinch outputs are in Stereo Mode, 0 dB Gain Adjustment.
01
000
00000
TV, Cinch and VCR audio outputs are muted. VCR output is in Stereo
Mode.
02
000
00000
VCR, TV and RFmod video outputs are muted.
03
000
00000
Fast Blanking is forced to ‘0’. RGB outputs are muted and in high imped-
ance.
04
000
00000
C_GATE is high. C_VCR is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com